ATS-55210D-C1-R0
AI

## Technical Overview of ATS-55210D-C1-R0
The **ATS-55210D-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, which is designed specifically for cooling electronic components such as processors, FPGAs, and ASICs in constrained airflow environments.
### 1. Key Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 55mm x 55mm x 10mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | maxiGRIP™ (Steady spring clip) |
| **Thermal Resistance** | 2.50 °C/W (at 200 LFM) |
| **RoHS Status** | Compliant |
---
### 2. Design and Engineering Features
* **maxiFLOW™ Fin Geometry:** The fins are designed with a tapered, high-aspect-ratio profile. This geometry increases the surface area while reducing pressure drop, making it highly efficient for forced-convection cooling.
* **maxiGRIP™ Attachment:** One of the most critical "electronic part" interfaces is the mounting system. It uses a plastic frame clip (pedestal) and a stainless steel "X" spring clip. This provides:
* **Uniform Pressure:** Ensures consistent thermal interface material (TIM) contact.
* **Easy Rework:** Allows the heat sink to be removed and reattached without damaging the PCB.
* **No Holes Required:** It clips directly to the component, saving PCB real estate.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **Chomerics T766**, a high-performance phase-change material that fills microscopic air gaps between the component and the heat sink.
---
### 3. Application Use Cases
The ATS-55210D-C1-R0 is typically used in the following electronic sectors:
1. **Telecommunications:** High-speed routers and switches where airflow is directional.
2. **Computing:** Server blades and industrial embedded systems.
3. **Power Electronics:** Cooling for large MOSFET arrays or power modules.
---
### 4. Thermal Performance vs. Airflow
```text
LFM (Linear Feet per Minute) | Thermal Resistance (°C/W)
-------------------------------------------------------
200 | 2.50
300 | 1.90
400 | 1.60
500 | 1.40
```
- ⤷What are the installation steps for the maxiGRIP attachment system?
- ⤷ Does this heat sink support custom Thermal Interface Materials?
- ⤷ How does the fin height affect the thermal resistance in this specific model?