ATS-55250R-C2-R0
AI

## Overview of ATS-55250R-C2-R0
The **ATS-55250R-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** product line, specifically designed for cooling high-power electronic components such as CPUs, GPUs, FPGAs, and ASICs.
---
### Technical Specifications
The following table details the physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Line** | maxiFLOW™ |
| **Dimensions** | 25mm x 25mm x 24.5mm (L x W x H) |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | maxiGRIP™ (Steady spring clip) |
| **Thermal Resistance** | 2.50 °C/W (at 200 LFM) |
| **Compliance** | RoHS Compliant |
---
### Key Components and Design Features
The efficiency of the ATS-55250R-C2-R0 is derived from several specialized engineering features:
#### 1. Pin-Fin Geometry
Unlike standard extruded heat sinks with straight fins, the **maxiFLOW™** design uses a tapered fin structure. This maximizes surface area for heat dissipation while minimizing pressure drop, allowing air to flow more freely through the fins.
#### 2. maxiGRIP™ Attachment System
This is a high-reliability mechanical mounting system:
* **Plastic Frame Clip:** A frame that sits around the electronic component.
* **Stainless Steel Spring Clip:** Applies steady, even pressure across the surface of the component, ensuring optimal contact with the thermal interface material (TIM).
* **No Holes Required:** It eliminates the need to drill holes into the PCB, saving board "real estate."
#### 3. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates that the unit comes pre-applied with a high-performance thermal pad (often a **Chomerics T766** phase-change material or similar), which fills microscopic air gaps between the component and the heat sink.
---
### Typical Applications
* **Telecommunications:** High-speed routers and switches.
* **Computing:** Embedded systems and industrial PC cooling.
* **Power Electronics:** Power converters and motor drives that generate significant localized heat.
---
- ⤷
What is the difference between the R0 and R1 suffixes for ATS heat sinks?
- ⤷ How do I calculate the airflow requirements (LFM) for this specific heat sink?
- ⤷ Can the maxiGRIP attachment system be reused if the component is replaced?