ATS-55400W-C2-R0
AI

The **ATS-55400W-C2-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "superGRIP" series, specifically designed for cooling electronic components such as BGAs (Ball Grid Arrays).
---
## 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | superGRIP™ |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 24.50mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Clip-On (superGRIP) |
| **Thermal Resistance** | ~1.60 °C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
---
## 2. Key Components & Design Features
### A. Material and Coating
* **Aluminum Construction:** Provides a lightweight solution with high thermal conductivity.
* **Blue Anodizing:** This chemical finish increases corrosion resistance and improves thermal emissivity (radiant heat transfer).
### B. Attachment Mechanism (superGRIP™)
The "C2" in the part number refers to the specific attachment style.
* **Frame Clip:** A high-strength plastic frame that snaps onto the component perimeter.
* **Spring Clip:** A metal "U" shaped spring that applies constant pressure to the heat sink, ensuring a tight interface with the chip.
* **No Holes Required:** Unlike traditional heat sinks, this does not require holes in the PCB, preserving board real estate.
### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates the inclusion of a high-performance **Phase Change Material (PCM)** or a thermal pad pre-applied to the base of the heat sink. This fills microscopic air gaps between the component and the sink.
---
## 3. Application Use Cases
This specific heat sink is designed for medium-to-high power electronic devices:
1. **Processors:** CPUs, GPUs, and high-end FPGAs.
2. **Networking:** High-speed routers and switch silicon.
3. **Telecommunications:** Base station power management chips.
4. **Industrial:** Embedded computing boards where vibration resistance is necessary.
---
- ⤷
How does the superGRIP attachment compare to push-pin mounting?
- ⤷ What is the recommended airflow (LFM) for optimal performance of this heat sink?
- ⤷ Can the thermal interface material be replaced if the heat sink is reused?