ATS-55450R-C2-R0
AI

The **ATS-55450R-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, which is specifically designed to provide high thermal performance in environments with constrained airflow.
---
## 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 19.50mm |
| **Thermal Resistance** | 1.40°C/W (at 200 LFM) |
| **Flow Pattern** | Directional (High fin density) |
---
## 2. Key Components & Technologies
### A. maxiFLOW™ Fin Design
Unlike standard square-fin heat sinks, the maxiFLOW™ design features a flared fin structure. This increases the surface area and creates a pressure differential that pulls more air through the fin field, significantly reducing the junction temperature of the electronic component it cools.
### B. maxiGRIP™ Attachment System
One of the most critical "parts" of this assembly is the attachment mechanism:
* **Plastic Frame Clip:** This clips directly around the component (e.g., a BGA or FPGA).
* **Steady Spring Force:** It uses a high-performance gold-colored "SteadyDrive" spring clip.
* **No Holes Required:** It eliminates the need to drill holes into the PCB, which preserves signal integrity and saves board space.
### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the heat sink comes pre-assembled with a high-performance **Thermal Interface Material**. This is a phase-change or pad-based material applied to the base to ensure there are no air gaps between the heat sink and the semiconductor die.
---
## 3. Applications
This part is commonly used for cooling high-heat-generating electronic components such as:
* **FPGAs (Field Programmable Gate Arrays)**
* **ASICs (Application Specific Integrated Circuits)**
* **CPUs/Processors** in embedded systems.
* **Network Switches** and high-speed routers.
- ⤷
What is the difference between the maxiGRIP and superGRIP attachment methods?
- ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
- ⤷ Is this heat sink compatible with standard 45x45mm BGA packages?