ATS-56010-C1-R0
AI

The **ATS-56010-C1-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, specifically designed for cooling high-power electronic components like CPUs, GPUs, FPGAs, and ASICs in air-cooled environments.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 56mm x 56mm x 10mm |
| **Material** | Anodized Aluminum (Blue) |
| **Thermal Resistance** | 1.40 °C/W (@ 200 LFM) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Interface Material** | T766 (Thermal Tape/Pad) |
---
### 2. Key Design Components
#### A. Fin Geometry (maxiFLOW™)
The "maxiFLOW" design features a flared fin geometry. Unlike standard straight-fin heat sinks, the flared fins increase the effective surface area for heat dissipation and improve airflow through the fin field, reducing pressure drop.
#### B. Attachment System (maxiGRIP™)
This part utilizes the **maxiGRIP™** attachment mechanism, which consists of two main pieces:
1. **Plastic Frame Clip:** Reaches around the component and snaps onto the PCB.
2. **Metal Spring Clip:** A "steady-force" spring that applies consistent pressure across the center of the heat sink to ensure optimal contact with the electronic chip.
#### C. Thermal Interface Material (TIM)
The model comes pre-applied with **T766** phase-change material or high-performance thermal tape. This fills the microscopic air gaps between the component surface and the heat sink base, significantly lowering thermal impedance.
---
### 3. Application Use Cases
This specific heat sink is typically used in the following electronic sectors:
* **Telecommunications:** Cooling high-speed switching silicon.
* **Data Centers:** Thermal management for server processors.
* **Industrial PC:** Cooling embedded chips in fan-assisted enclosures.
* **Networking:** Used on routers and high-bandwidth interface cards.
---
### 4. Thermal Performance Comparison
The performance of the ATS-56010-C1-R0 varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 1.40 |
| 300 | 1.10 |
| 400 | 0.90 |
| 500 | 0.80 |
- ⤷
How does the maxiGRIP attachment system compare to traditional push-pins?
- ⤷ Can the T766 thermal interface be replaced with custom thermal paste?
- ⤷ What are the advantages of flared fins over straight fins in high-density PCBs?