ATS-59006-C1-R0
AI

The **ATS-59006-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** assembly designed by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, engineered for cooling high-power semiconductors and integrated circuits.
---
### 1. Technical Specifications
The following table outlines the primary electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Black Anodized) |
| **Thermal Resistance** | 0.90 °C/W (at 200 LFM) |
| **Attachment Method** | maxiGRIP™ (Tethered Clip) |
| **Dimensions** | 59mm x 59mm x 6mm |
| **Compliance** | RoHS Compliant |
---
### 2. Key Component Features
#### A. Thermal Design
The "maxiFLOW™" design features a **flared fin structure**. This geometry is optimized to maximize surface area for convection cooling while minimizing pressure drop. In high-density electronic environments, this allows for better airflow through the fins compared to standard straight-fin heat sinks.
#### B. The maxiGRIP™ Attachment System
This part utilizes a specialized mechanical attachment system rather than thermal adhesive:
* **Plastic Frame Clip:** A frame that snaps around the electronic component (e.g., a BGA chip).
* **Metal Spring Clip:** A "steady-force" spring clip that provides consistent pressure across the interface.
* **Reliability:** This method prevents the heat sink from shifting during vibration or thermal cycling, which is critical for industrial and telecommunications hardware.
#### C. Interface Material
The "-R0" suffix typically indicates that the part is supplied with a pre-applied **Thermal Interface Material (TIM)** or a specific mounting configuration. This ensures that micro-gaps between the chip surface and the heat sink are filled, reducing thermal impedance.
---
### 3. Typical Applications
This part is commonly found in electronic systems where high-heat-density processors are used:
* **Telecommunications:** Network switches, routers, and base stations.
* **Computing:** High-end servers and data storage units.
* **Embedded Systems:** Industrial PCs and FPGA-based controllers.
---
- ⤷
How does the thermal resistance of this part change with different airflow speeds?
- ⤷ Can the maxiGRIP attachment system be reused if the chip needs replacement?
- ⤷ What are the advantages of flared fins over straight fins in electronic cooling?