ATS-60001-C1-R0
AI

The **ATS-60001-C1-R0** is a specialized high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" product line, designed specifically for cooling high-heat-generating electronic components like BGAs (Ball Grid Arrays).
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (typically Black Anodized) |
| **Attachment Method** | maxiGRIP™ (Spring-clip system) |
| **Thermal Resistance** | ~1.60 °C/W (at 200 LFM) |
| **Dimensions (L x W)** | 40.00mm x 40.00mm |
| **Height** | 9.50mm |
| **Fin Style** | Tapered Fin (maxiFLOW™) |
---
### 2. Key Electronic & Mechanical Features
#### A. maxiFLOW™ Fin Geometry
The "maxiFLOW" design features a flared fin structure. This geometry is engineered to:
* Maximize surface area for radiant and convective heat transfer.
* Reduce pressure drop across the heat sink.
* Increase airflow intake from multiple directions, which is critical in dense PCB environments.
#### B. maxiGRIP™ Attachment System
This part utilizes a unique mechanical attachment system rather than thermal adhesive. It consists of:
1. **Plastic Frame Clip:** Reaches around the component to the underside.
2. **Steady Drive™ Spring:** Applies a consistent, high-pressure force to the center of the heat sink.
* *Benefit:* This prevents "thermal tilt" and ensures a uniform interface with the thermal grease or pad without requiring holes in the PCB.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the part comes with a pre-applied high-performance thermal interface material. This ensures low contact resistance between the electronic chip (CPU/FPGA/ASIC) and the aluminum base.
---
### 3. Common Applications
This heat sink is typically found in high-reliability electronic systems where space is limited but heat output is high:
* **Networking Gear:** Routers, switches, and base stations.
* **Embedded Computing:** Industrial motherboards and Single Board Computers (SBCs).
* **Telecommunications:** Optical modules and high-speed data processing units.
---
- ⤷
What are the advantages of the maxiGRIP attachment over traditional thermal tape?
- ⤷ How does the tapered fin design improve cooling in low-airflow environments?
- ⤷ What is the recommended airflow direction for the ATS-60001 series?