ATS-61330R-C1-R0_17
AI

The **ATS-61330R-C1-R0** is a high-performance heat sink assembly manufactured by Advanced Thermal Solutions (ATS). This part is specifically engineered for cooling electronic components, primarily integrated circuits (ICs) and surface-mount devices (SMDs) in high-airflow environments.
---
### Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Part Number** | ATS-61330R-C1-R0 | Series: maxiFLOW™ |
| **Material** | Aluminum | Blue Anodized finish |
| **Dimensions** | 33mm x 33mm x 19.5mm | Height includes the base and fins |
| **Attachment Method** | maxiGRIP™ | Plastic clip and stainless steel spring |
| **Thermal Resistance** | 2.50 °C/W | Rated at 200 LFM (Linear Feet per Minute) |
| **Interface Material** | T766 | Pre-applied high-performance thermal pad |
---
### Key Design Features
#### 1. maxiFLOW™ Fin Geometry
The fin design is the standout feature of this component. Unlike standard straight-fin heat sinks, the maxiFLOW™ profile features a tapered fin design.
* **Efficiency:** It increases the surface area while minimizing pressure drop.
* **Airflow:** It is designed to capture airflow from multiple directions, making it ideal for crowded PCB environments.
#### 2. maxiGRIP™ Attachment System
This part utilizes a "Steady State" mechanical attachment system rather than permanent adhesives.
* **The Frame:** A plastic frame (clip) surrounds the component.
* **The Spring:** A stainless steel "X-clip" provides consistent downward pressure (approximately 15-20 PSI).
* **Benefit:** This allows for easy removal and re-work without damaging the PCB or the component, and it meets rigorous shock and vibration standards (Telcordia).
#### 3. Thermal Interface Material (TIM)
The unit comes with **Chomerics T766** pre-applied to the base.
* This material fills the microscopic air gaps between the heat sink and the chip to ensure maximum heat transfer.
* It eliminates the need for manual application of thermal paste during assembly.
---
### Application Use-Cases
* **Processors & FPGAs:** Ideal for BGA (Ball Grid Array) packages used in networking and telecommunications.
* **High-Density Boards:** Used where space is tight and high-velocity cooling fans are present.
* **Industrial Computing:** Suited for environments where vibration might cause traditional adhesive-mounted heat sinks to fail.
- ⤷
What are the specific advantages of the maxiGRIP attachment over thermal tape?
- ⤷ How does the pressure drop of maxiFLOW fins compare to standard straight-fin designs?
- ⤷ Is this heat sink compatible with non-BGA components of the same size?