ATS-61450D-C1-R0
AI

The **ATS-61450D-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed for cooling high-density electronic packages like BGA (Ball Grid Array) components.
---
### ## Technical Specifications
Below are the primary electronic and physical specifications for the part:
| Specification | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-61450D-C1-R0 |
| **Heat Sink Type** | maxiFLOW™ (Flared Fin Design) |
| **Material** | Aluminum (Black Anodized Finish) |
| **Thermal Resistance** | 1.10 °C/W @ 200 LFM (Linear Feet per Minute) |
| **Dimensions** | 45.00mm x 45.00mm x 9.50mm |
| **Attachment Method** | maxiGRIP™ (Frame Clip & Spring) |
| **Thermal Interface** | Pre-applied T766 Phase Change Material |
---
### ## Key Electronic Features
#### 1. Flared Fin Geometry
The "maxiFLOW" design features fins that flare outward. In electronic systems with high-density PCB layouts, this geometry:
* Reduces pressure drop.
* Increases the surface area for heat dissipation.
* Maximizes airflow through the heat sink in restricted spaces.
#### 2. maxiGRIP™ Attachment System
This is a mechanical attachment mechanism that avoids the need for drilling holes in the PCB. It uses:
* **Plastic Frame Clip:** Secures the heat sink to the electronic component.
* **Stainless Steel Spring:** Provides constant pressure to ensure optimal contact with the semiconductor die.
* **Safety:** Prevents damage to the BGA solder joints during vibration or shipping.
#### 3. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. This is a phase-change material that melts when the electronic component reaches its operating temperature, filling microscopic air gaps between the component and the heat sink to ensure maximum heat transfer.
---
### ## Applications in Electronics
This specific part is typically used for cooling:
* **ASICs and FPGAs:** High-power logic chips in networking equipment.
* **Processors:** Embedded CPUs in industrial computing.
* **Communication Modules:** High-speed data transceivers that generate significant heat in a small footprint.
---
- ⤷
What are the benefits of using a maxiGRIP attachment over traditional thermal adhesive?
- ⤷ How does the flared fin design compare to straight fin heat sinks in terms of airflow?
- ⤷ Can the T766 thermal interface material be reused if the heat sink is removed?