ATS-H1-41-C2-R0
AI

The **ATS-H1-41-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed to provide efficient thermal management for electronic components.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 30mm |
| **Attachment Type** | Push Pin (Plastic/Brass) |
| **Thermal Resistance** | 1.00°C/W (at 200 LFM) |
| **Airflow Path** | Straight Fin |
---
### Key Components & Design Features
#### 1. Heat Sink Body
The body is constructed from **Aluminum (6063)**, chosen for its excellent thermal conductivity and lightweight properties. The "Blue Anodized" finish is not just for aesthetics; it provides corrosion resistance and slightly increases the emissivity of the surface.
#### 2. Fin Configuration
This model features **Straight Fins**.
- **Thermal Performance:** The vertical fins maximize the surface area exposed to moving air.
- **Airflow compatibility:** It is designed for systems with a defined airflow direction (active cooling).
#### 3. Attachment Mechanism (Push Pins)
The "R0" designation refers to the mounting hardware.
- It uses **pre-drilled holes** in the PCB.
- The pins are spring-loaded, ensuring constant pressure (Interface Pressure) between the heat sink and the electronic component (CPU, GPU, or FPGA).
- This ensures the thermal interface material (TIM) is compressed correctly for maximum heat transfer.
#### 4. Thermal Interface Material (TIM)
Most ATS-H1-41-C2-R0 units come with a pre-applied **high-performance thermal phase-change material** or grease. This fills the microscopic air gaps between the component and the heat sink base.
---
### Common Applications
The dimensions and thermal resistance make this part ideal for:
* **Processors (CPUs):** Embedded systems or low-power desktop chips.
* **ASICs & FPGAs:** High-speed integrated circuits used in telecommunications.
* **Power Supplies:** Heat dissipation for MOSFETs and voltage regulators.
* **Video Processing:** Cooling chips on high-definition video cards.
---
- ⤷
What is the difference between straight fin and cross-cut fin designs in ATS heat sinks?
- ⤷ How do I calculate if the 1.00°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes for push pins?