ATS-H1-48-C2-R0
AI

The **ATS-H1-48-C2-R0** is a high-performance thermal management component, specifically a **Pin Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, FPGAs, or power modules.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-H1-48-C2-R0 |
| **Material** | Aluminum (AL-6063-T5) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | Approx. 1.25 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 57.90mm x 60.96mm x 22.86mm |
| **Pin Configuration** | Pin Fin (Circular or Elliptical) |
---
### 2. Electronic Application & Function
While the heat sink itself does not contain circuitry, its role is critical to the reliability of the electronic system:
* **Thermal Dissipation:** It increases the surface area of a hot electronic component, allowing ambient air (convection) to carry away heat more efficiently.
* **Push-Pin Mounting:** The "R0" suffix usually denotes the attachment style. Push-pins provide a secure, standardized mechanical connection to the PCB, ensuring constant pressure on the thermal interface material (TIM).
* **Omnidirectional Airflow:** Unlike straight-fin heat sinks, the **Pin Fin** design allows air to enter from any direction. This is ideal for electronic enclosures where airflow direction may be unpredictable or turbulent.
---
### 3. Key Components for Installation
To function correctly in an electronic assembly, the ATS-H1-48-C2-R0 requires:
1. **Thermal Interface Material (TIM):** A pad or paste applied between the component and the heat sink base to fill microscopic air gaps.
2. **PCB Holes:** The PCB must have pre-drilled holes matching the push-pin pitch (spacing) of this specific model.
3. **Spring Tension:** The integrated springs on the push-pins ensure the heat sink remains seated during mechanical shock or vibration.
---
- ⤷
What are the benefits of blue anodizing on a heat sink beyond aesthetics?
- ⤷ How does pin-fin geometry compare to straight-fin geometry in low-airflow environments?
- ⤷ What is the recommended thermal interface material for the ATS-H1 series?