ATS-H1-49-C2-R0
AI

The **ATS-H1-49-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 35mm x 35mm x 10mm |
| **Fin Type** | Straight Fin (High density) |
| **Attachment Method** | Push-Pin with Brass Springs |
| **Thermal Resistance** | ~11.88 °C/W (at 200 LFM) |
| **Thermal Interface** | Pre-applied T766 Phase Change Material |
---
### 2. Key Components & Design Features
#### A. The Heat Sink Body
Manufactured from **Aluminum 6063**, the part utilizes a straight-fin design. The aluminum provides high thermal conductivity, while the blue anodized finish increases surface emissivity and protects against corrosion.
#### B. Push-Pin Attachment Mechanism
This part features a **Push-Pin and Brass Spring** system.
- **Efficiency:** Unlike adhesive tapes, push-pins provide consistent pressure (preload) between the heat sink and the electronic component.
- **Reliability:** The brass springs ensure that thermal expansion/contraction does not loosen the contact.
- **Ease of Use:** It requires pre-drilled holes in the PCB for secure mounting.
#### C. Thermal Interface Material (TIM)
The **C2** designation in the part number indicates the inclusion of **T766 thermal interface material**. This is a high-performance phase-change material that melts at operating temperatures to fill microscopic air gaps, ensuring maximum heat transfer from the component to the aluminum fins.
---
### 3. Comparison with Similar Parts
| Feature | ATS-H1-49-C2-R0 | Standard Adhesive Heat Sink |
| :--- | :--- | :--- |
| **Mounting** | Mechanical Push-Pin | Pressure Sensitive Adhesive (PSA) |
| **Heat Transfer** | High (due to spring pressure) | Medium (lower contact pressure) |
| **Reusability** | Yes (can be unclipped) | No (tape is one-time use) |
| **PCB Requirement** | Requires mounting holes | No holes required |
---
### 4. Application Areas
- **Embedded Systems:** Cooling microprocessors in tight enclosures.
- **Telecommunications:** Used on high-speed networking chips.
- **Industrial Controls:** Managing heat in motor drivers or power modules.
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does the T766 phase change material compare to standard thermal grease?
- ⤷ Can this heat sink be used with high-velocity forced air cooling?