ATS-H1-59-C2-R0
AI

The **ATS-H1-59-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs), CPUs, and other power-intensive electronic parts.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the ATS-H1-59-C2-R0:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (High Thermal Conductivity) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Heat Sink Type** | XCUT (Straight Fin Design) |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height** | 20mm |
| **Thermal Resistance** | Approx. 7.94°C/W (at 200 LFM) |
---
### 2. Key Electronic Components & Design
The functionality of this part is defined by its mechanical design intended to protect sensitive electronic systems:
* **Push-Pin Attachment:** The "H1" and "R0" designations often refer to the specific mounting hardware. This model uses a plastic or brass push-pin mechanism with a high-tension spring. This ensures constant pressure between the heat sink and the electronic chip (e.g., a BGA or FPGA), maximizing heat transfer.
* **XCUT Fin Pattern:** The straight fin design is optimized for "forced air" environments (where a fan is present). The spacing between the aluminum fins allows air to flow through with minimal resistance (low pressure drop).
* **Material Composition:** It is made of **6063 Aluminum**, which is the industry standard for heat sinks due to its balance of thermal conductivity and weight.
* **Thermal Interface Material (TIM):** Most "R0" variants come pre-applied with a high-performance Phase Change Material or Thermal Tape to fill microscopic air gaps between the component and the sink.
---
### 3. Applications
This part is commonly found in the following electronic assemblies:
1. **Telecommunications:** Cooling for high-speed networking switches and routers.
2. **Embedded Systems:** Protecting industrial PCs and ARM-based processors.
3. **Power Electronics:** Managing heat for Voltage Regulator Modules (VRMs).
---
### 4. Thermal Performance Comparison
| Air Flow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 m/s (200 LFM) | 7.94 |
| 2.0 m/s (400 LFM) | 4.88 |
| 3.0 m/s (600 LFM) | 3.82 |
---
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the required LFM for my specific CPU?
- ⤷ Can this heat sink be used with a 12V DC fan?