ATS-H1-75-C3-R0
AI

The **ATS-H1-75-C3-R0** is a high-performance **heat sink** component manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Attachment Method** | Push Pin (with Brass Springs) |
| **Fin Style** | Straight Fin (High density) |
| **Thermal Resistance** | Variable based on Airflow (LFM) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Key Features
* **High-Efficiency Design:** The straight-fin geometry is optimized for forced convection (active airflow), providing a high surface area for heat dissipation within a small footprint.
* **Secure Attachment:** The push pin mechanism uses a pre-drilled hole pattern on the PCB. This ensures consistent pressure across the component surface, which is critical for thermal transfer.
* **T412 Interface:** The part comes with a pre-applied thermal tape/pad (T412), which offers high dielectric strength and eliminates the need for separate thermal paste application.
* **Blue Anodization:** This finish is not just aesthetic; it provides surface protection against corrosion and increases the emissivity of the material for better heat radiation.
---
### 3. Thermal Performance Profile
Thermal resistance ($^\circ \text{C/W}$) decreases as airflow (Linear Feet per Minute - LFM) increases:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance ($^\circ \text{C/W}$) |
| :--- | :--- | :--- |
| 200 | 1.0 | ~10.5 |
| 400 | 2.0 | ~6.4 |
| 600 | 3.0 | ~4.8 |
---
### 4. Implementation Details
The **"C3"** in the part number specifically refers to the attachment type and spring force, while the **"R0"** indicates the RoHS compliance and revision status.
#### Installation Requirements:
* **PCB Hole Diameter:** Typically requires 3.0mm holes.
* **Orientation:** Should be placed so that the fins are parallel to the direction of the system's airflow to minimize air resistance.
---
- ⤷
What are the PCB hole spacing requirements for the push pins on this model?
- ⤷ How does the T412 thermal interface material compare to high-performance thermal grease?
- ⤷ Can this heat sink be used in passive cooling applications without a fan?