ATS-H1-76-C2-R0
AI

The **ATS-H1-76-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from Advanced Thermal Solutions (ATS). It belongs to the "maxiFLOW™" series, designed to provide high thermal performance in environments with constrained airflow.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.50 °C/W (@ 100 LFM) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 14.50mm |
---
### 2. Key Components & Design
The "Electronic Part" functionality of this device is passive, focusing on heat dissipation for semiconductors (CPUs, FPGAs, or GPUs).
#### A. The Fin Design (maxiFLOW™)
* **Tapered Fins:** The fins are designed with a graduated profile to maximize surface area while minimizing pressure drop.
* **Directionality:** It is a directional heat sink, meaning it is optimized for airflow coming from a specific side to sweep heat away from the base effectively.
#### B. The pushPIN™ Attachment System
Unlike simple adhesive tapes, this part uses a mechanical attachment system:
* **Hardware:** Includes a brass/stainless steel pin and a high-performance compression spring.
* **Reliability:** Provides consistent pressure (TIM compression) across the component surface, ensuring better thermal contact than clip-on or tape-based heat sinks.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied:** This specific model typically comes with **ATS-CPX-1010-P0** (a high-performance thermal pad or phase-change material) pre-applied to the base to bridge the microscopic air gaps between the chip and the aluminum.
---
### 3. Application Use Cases
This part is commonly found in the following electronic assemblies:
* **Networking Gear:** Routers and switches where high-speed processors generate significant heat.
* **Embedded Systems:** Industrial PCs where mechanical stability (vibration resistance) is required via the pushPIN mount.
* **Power Supplies:** Cooling MOSFETs or power conversion ICs.
---
- ⤷
What are the mounting hole requirements for the pushPIN system on a PCB?
- ⤷ How does the 'C2' designation in the part number affect the thermal coating?
- ⤷ Can this heat sink be used in natural convection environments without a fan?