Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-H1-92-C2-R0

  • AI
    The **ATS-H1-92-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** product line, designed for cooling high-power semiconductors and integrated circuits. --- ## 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific part: | Characteristic | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W)** | 37.00mm x 37.00mm | | **Height** | 17.50mm | | **Thermal Resistance** | 2.50°C/W @ 200 LFM | | **Attachment Method** | pushPIN™ (Brass/Plastic) | | **Spring Type** | Compression Spring | | **Fin Style** | maxiFLOW (Tapered Fin) | --- ## 2. Key Electronic Components & Design Features ### A. Fin Geometry (maxiFLOW™) The "H1-92" series utilizes a unique tapered fin design. In electronic cooling, this geometry maximizes the surface area while reducing pressure drop. This allows for better airflow through the fins, making it ideal for high-density PCB layouts where air is pushed by a system fan. ### B. pushPIN™ Attachment System Rather than using messy thermal adhesives or tapes, this part uses a mechanical **pushPIN™** system. * **Benefits:** Provides consistent pressure across the surface of the electronic chip, ensuring optimal heat transfer. * **Serviceability:** It allows for easy removal and re-installation during PCB maintenance or hardware debugging. ### C. Material & Coating The unit is made from high-grade aluminum. The **Blue Anodized** finish is not just for aesthetics; it provides: 1. **Corrosion Resistance:** Protects the aluminum from environmental degradation. 2. **Increased Emissivity:** Slightly improves heat dissipation through radiation. --- ## 3. Typical Applications This heat sink is commonly found protecting the following electronic components: * **FPGAs & ASICs:** High-speed processors that generate significant localized heat. * **CPUs/GPUs:** In embedded systems or industrial computing. * **Power Supplies:** Cooling MOSFETs or power regulators in high-efficiency DC-DC converters. ---
    ✨ Follow-up Questions
    • ⤷ What are the different types of pushPIN materials available for this model?
    • ⤷ How does the thermal resistance change at different airflow (LFM) rates?
    • ⤷ What is the recommended hole pattern on the PCB for mounting this heat sink?