ATS-P1-01-C1-R0
AI

The **ATS-P1-01-C1-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** family, which is specifically engineered to handle high heat dissipation in space-constrained environments.
---
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Black Anodized) |
| **Thermal Resistance** | 14.00°C/W @ 200 LFM (Linear Feet per Minute) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
| **Fin Style** | Straight Fin |
| **Pressure Drop** | 0.45 in-H2O @ 200 LFM |
---
### 2. Core Electronic Functions
While the part itself is passive (non-powered), it performs critical functions for electronic systems:
* **Thermal Dissipation:** It increases the surface area of a heat-generating component (like a CPU, FPGA, or GPU), allowing the surrounding air to carry away heat more efficiently.
* **Protection against Thermal Throttling:** By maintaining lower operating temperatures, it prevents integrated circuits (ICs) from reducing clock speeds to protect themselves from heat damage.
* **Reliability Extension:** Lowering the junction temperature of a semiconductor significantly increases its Mean Time Between Failures (MTBF).
---
### 3. Component Design Features
#### A. The maxiFLOW™ Fin Pattern
The fins on the ATS-P1-01-C1-R0 are designed with a graduated pattern. Unlike standard square fins, these are tapered to maximize airflow and minimize the "pressure drop" (the resistance the air encounters when moving through the heatsink).
#### B. pushPIN™ Attachment
This model uses the proprietary **pushPIN™** system, which consists of:
* **Plastic/Brass Pins:** To secure the heatsink to the PCB.
* **Compression Springs:** To provide precise, uniform pressure (Force) across the Thermal Interface Material (TIM).
* **Hardware Compatibility:** It typically requires pre-drilled holes in the Printed Circuit Board.
#### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the part comes with a pre-applied high-performance thermal pad or phase-change material on the base, ensuring there are no air gaps between the chip and the aluminum.
---
### 4. Typical Applications
* **Telecommunications:** Network switches and high-speed routers.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Voltage regulators and power MOSFET modules.
- ⤷What is the difference between the pushPIN and clip-on attachment methods for heatsinks?
- ⤷ How does the 'LFM' rating affect the thermal resistance of the ATS-P1-01-C1-R0?
- ⤷ What is the recommended PCB hole diameter for this specific heatsink?