ATS-P1-05-C3-R0
AI

The **ATS-P1-05-C3-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their **maxiFLOW™** series, designed specifically for cooling high-power electronic devices like CPUs, FPGAs, and GPUs.
---
## 1. Technical Specifications
This part is a heat sink assembly characterized by its high-aspect-ratio fin design and specific mounting hardware.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Thermal Resistance** | 0.96 °C/W @ 200 LFM |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Brass/Plastic) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
---
## 2. Key Electronic Components & Features
### A. Fin Geometry (maxiFLOW™)
The "electronic" performance of this part relies on its **flared fin structure**. Unlike straight-cut heat sinks, these fins spread outward. This reduces pressure drop and increases the surface area for convection, which is critical for maintaining stable operating temperatures in high-speed integrated circuits.
### B. pushPIN™ Attachment System
To ensure reliable physical and thermal contact with the PCB, the ATS-P1-05-C3-R0 uses the **pushPIN™** system.
- **Spring Mechanism:** Provides a precise, calculated pressure (load) on the electronic chip to optimize heat transfer.
- **Hardware:** Includes a stainless steel spring and a brass or plastic pin to lock into 3.175mm holes on the motherboard.
### C. Thermal Interface Material (T766)
The part comes with **T766** phase-change material pre-applied to the base.
- **Function:** It fills the microscopic air gaps between the heat sink base and the electronic component's die/package.
- **Benefit:** Reduces contact resistance, which prevents localized "hot spots" that can lead to electronic failure or thermal throttling.
---
## 3. Application Use-Case
This component is typically found in:
* **Networking Gear:** Switches and routers where airflow is directional.
* **Industrial PCs:** Where vibration resistance (provided by the pushPIN) is required.
* **Power Electronics:** Cooling MOSFETs or power modules in constrained spaces.
---
- ⤷
What are the specific thermal resistance values at different airflow (LFM) rates for this model?
- ⤷ Does the T766 interface material require a specific burn-in period to reach maximum efficiency?
- ⤷ Can the pushPIN hardware be customized for different PCB thicknesses?