ATS-P1-06-C1-R0
AI

The **ATS-P1-06-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) High-Performance Heat Sink**.
These parts are critical in electronic design to dissipate heat from integrated circuits (ICs) such as CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Key Technical Specifications
Below are the primary physical and thermal characteristics of the ATS-P1-06-C1-R0:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 20.27°C/W (Unducted Flow @ 100 LFM) |
| **Fin Style** | Straight Fin |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Hardware included** | Plastic Bolts and Stainless Steel Springs |
---
### 2. Breakdown of the Component Parts
The unit is comprised of four main sub-components that work together to manage electronics heat:
1. **Heat Sink Body (Aluminum):**
* Designed with a "Straight Fin" pattern to provide a high surface-area-to-volume ratio.
* The blue anodized finish is not just for aesthetics; it increases surface emissivity, which helps slightly with radiation cooling and protects the aluminum from oxidation.
2. **pushPIN™ Fasteners:**
* Unlike adhesive tapes, these plastic pins go through pre-drilled holes in the Printed Circuit Board (PCB).
* They provide high reliability in high-vibration environments.
3. **Compression Springs:**
* The springs ensure that "Firm and Constant" pressure is applied between the heat sink and the electronic chip. This is vital for maintaining a thin, even layer of thermal interface material.
4. **Thermal Interface Material (TIM):**
* The "R0" suffix usually indicates the inclusion of a pre-applied thermal pad or phase-change material on the base, ensuring immediate installation readiness.
---
### 3. Thermal Performance Analysis
The performance of this part is highly dependent on the velocity of the air flowing through the electronic enclosure:
* **Low Airflow (100 LFM):** Offers a thermal resistance of **20.27°C/W**.
* **High Airflow (700 LFM):** Thermal resistance drops significantly to **3.16°C/W**, allowing the component to handle much higher power loads.
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Networking Hardware:** High-speed routers and switches.
* **Power Electronics:** Voltage regulators and power converters requiring compact cooling.
- ⤷How do I calculate the correct hole diameter for the pushPIN mounting?
- ⤷ What is the difference between blue anodized and black anodized heat sinks?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?