ATS-P1-06-C3-R0
AI

The **ATS-P1-06-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" series, designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 10mm |
| **Pitch** | Fine-Pitch (increases surface area) |
| **Thermal Resistance** | ~20.27°C/W (Unducted Flow @ 100 LFM) |
---
### 2. Core Components and Design
The "Electronic" functionality of this part is passive, serving to protect active electronics from thermal failure through several design features:
#### A. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the heat sink comes pre-applied with **ATS-91**, a high-performance thermal interface material. This ensures minimal air gaps between the heat source (CPU/GPU/FPGA) and the aluminum base.
#### B. pushPIN™ Attachment
Unlike adhesive tapes that can fail under high heat, this part uses a mechanical **Push Pin** system with a built-in spring.
* **Pressure:** The spring provides precise, consistent pressure across the component surface.
* **Reliability:** It prevents the heat sink from shifting during mechanical shock or vibration.
#### C. Fin Geometry
The fin design is optimized for "Fine-Pitch" airflow. This means the fins are spaced to maximize the surface area for heat dissipation while maintaining compatibility with standard electronic enclosure fans.
---
### 3. Typical Applications
This specific heat sink is commonly found in the following electronic environments:
* **Telecommunications:** Cooling networking switches and routers.
* **Embedded Systems:** Protecting microprocessors on PCB boards.
* **Power Supplies:** Dissipating heat from high-speed transistors or voltage regulators.
* **Industrial Controls:** Ensuring stability in high-ambient temperature settings.
---
### 4. Thermal Performance Overview
Thermal resistance varies based on the airflow (velocity) within the electronic chassis:
| Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 20.27 |
| 300 | 1.5 | 6.45 |
| 500 | 2.5 | 3.73 |
| 700 | 3.5 | 2.72 |
- ⤷What is the difference between Blue Anodized and Clear Anodized finishes for heat sinks?
- ⤷ How do I calculate the required airflow for an ATS-P1-06-C3-R0?
- ⤷ Can this heat sink be used with a custom mounting bracket instead of push pins?