Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-P1-07-C1-R0

  • AI
    The **ATS-P1-07-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for cooling integrated circuits (ICs) such as CPUs, GPUs, or power transistors. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of this specific model: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | pushPIN™ Series | | **Material** | Aluminum | Blue Anodized finish | | **Thermal Resistance** | 17.00 °C/W (undirected) | At 100 LFM (Linear Feet per Minute) | | **Base Dimensions** | 45mm x 45mm | Square footprint | | **Height** | 12.7mm | Low profile (COARSE-PITCH) | | **Attachment Method** | pushPIN™ | Spring-loaded brass pins | | **Interface Material** | T766 | Pre-applied Thermal Interface Material (TIM) | --- ### 2. Key Electronic Features #### A. Thermal Management Efficiency The primary function of this part is to increase the surface area of a heat-generating electronic component. By transferring heat from the silicon die to the aluminum fins, it prevents **thermal throttling** or permanent damage to electronic circuits. #### B. The pushPIN™ Attachment System Unlike adhesive tapes that can fail under high heat, the ATS-P1-07-C1-R0 uses a mechanical attachment system: * **Compression Springs:** Provide precise, uniform pressure across the component to ensure maximum contact with the TIM. * **Brass Pins:** Ensure secure mounting to the PCB, making it resistant to shock and vibration. #### C. Fin Design (Coarse-Pitch) This model features a **Straight Fin** pattern. In electronic enclosures with low airflow or natural convection, coarse-pitch fins allow air to flow through more easily without requiring high-pressure fans, reducing overall system noise. --- ### 3. Applications in Electronics * **Embedded Systems:** Ideal for cooling processors in industrial automation. * **Networking Hardware:** Used on switches and routers for heat dissipation from ASICs. * **Power Electronics:** Cooling MOSFETs or voltage regulators in power supplies. ---
    ✨ Follow-up Questions
    • ⤷ How does the T766 thermal interface material compare to standard thermal paste?
    • ⤷ What is the recommended PCB hole diameter for the pushPIN attachment?
    • ⤷ Can this heat sink be used for active cooling with an attached fan?