AI

The **ATS-P1-13-C3-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it is a heat sink from the *maxiFLOW™* series designed for cooling integrated circuits (ICs) and high-power components.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Value | Description |
| :--- | :--- | :--- |
| **Type** | Heat Sink | Passive cooling component |
| **Series** | maxiFLOW™ | High-performance flared fin design |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Protects against corrosion; enhances emissivity |
| **Dimensions** | 50mm x 50mm x 10mm | (L x W x H) |
| **Thermal Resistance** | 2.52 °C/W @ 200 LFM | Efficiency of heat dissipation |
| **Attachment Method** | pushPIN™ | Spring-loaded mounting for consistent pressure |
---
### 2. Design Features
The "electronic" functionality of this part is centered around **thermal regulation**. Its design includes several specialized features:
* **Flared Fin Geometry:** Unlike standard straight-fin heat sinks, the fins on this model flare outward. This increases the surface area and creates a larger "exhaust" path for air, which improves cooling efficiency in forced-air environments.
* **pushPIN™ Attachment:** This system includes a brass or plastic pin and a stainless steel spring. This ensures that the heat sink maintains a constant, optimal pressure against the electronic chip, which is critical for maximizing heat transfer through the Thermal Interface Material (TIM).
* **Low Profile:** With a height of only 10mm, it is designed for "1U" or space-constrained electronic enclosures like servers, network switches, and embedded systems.
---
### 3. Critical Component Interaction
While the heat sink itself is mechanical, it is vital to the electronic system's reliability:
1. **Thermal Interface Material (TIM):** This part usually comes with a pre-applied phase-change material or thermal pad on the base to fill microscopic air gaps between the IC and the heat sink.
2. **Overheating Prevention:** By keeping the junction temperature ($T_j$) of a processor or FPGA low, it prevents "thermal throttling" (where a chip slows down to protect itself) and extends the lifespan of the semiconductor.
---
### 4. Typical Applications
* **Networking:** Routers, switches, and high-speed modems.
* **Computing:** CPU/GPU cooling in industrial PCs.
* **Power Electronics:** Cooling MOSFETs or IGBT modules.
- ⤷What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Can this heat sink be used with a custom fan attachment?