ATS-P1-148-C3-R0
AI

## Electronic Components Overview: ATS-P1-148-C3-R0
The **ATS-P1-148-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **push-pin** attachment series, specifically designed for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
### Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (Plastic) |
| **Base Dimensions** | 35mm x 35mm |
| **Height** | 15mm |
| **Thermal Resistance** | 8.59°C/W (Natural Convection) |
| **Thermal Interface Material (TIM)** | T412 |
| **Fin Style** | Straight-Fin |
---
### Key Components & Features
#### 1. Heat Sink Body (Aluminum)
The core of the part is a 6063-grade aluminum heat sink. The **straight-fin** design allows for high air intake and efficient heat dissipation. The **Blue Anodized** coating provides:
* Corrosion resistance.
* Increased surface emissivity for better radiation cooling.
* Electrical insulation (minimal).
#### 2. Push-Pin Mounting Mechanism
Unlike adhesive-based heat sinks, the "P1" designation indicates a **push-pin and spring** assembly.
* **Plastic Pins:** Ensure easy installation into pre-drilled PCB holes.
* **Springs:** Provide constant pressure (load) on the component, ensuring consistent contact between the heat sink and the chip even during vibration.
#### 3. Thermal Interface Material (TIM)
The "C3" in the part number indicates the specific TIM applied to the base.
* **T412:** This is a pre-applied phase-change or high-performance pad. It fills microscopic air gaps between the electronic component and the aluminum base to maximize heat transfer efficiency.
---
### Application in Electronics
This part is typically used in the following scenarios:
* **Embedded Systems:** Cooling microprocessors on compact boards.
* **Networking Gear:** Thermal management for switch ASICs and routers.
* **Power Electronics:** Managing heat for MOSFETs or power regulators.
- ⤷
What are the differences between straight-fin and cross-cut fin designs in heat sinks?
- ⤷ How do I calculate the required thermal resistance for my electronic project?
- ⤷ What is the specific mounting hole diameter required for the ATS-P1 series push-pins?