AI

The **ATS-P1-157-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed for cooling high-power electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number encodes specific data regarding its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (High thermal conductivity) |
| **Finish** | Blue Anodized (Corrosion resistance/Thermal radiation) |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Thermal Resistance** | ~3.35°C/W (at 200 LFM) |
| **Thermal Interface** | T766 Phase Change Material (Pre-applied) |
---
### 2. Key Electronic Functions
While the heat sink itself is passive (no electricity flows through it), it is critical for the survival of the electronic circuit:
* **Thermal Dissipation:** It increases the surface area of the semiconductor package. This allows heat generated by the junction of the transistor to move into the ambient air, preventing **thermal runaway**.
* **Performance Stability:** Many modern processors use "thermal throttling." By keeping the temperature low, this heat sink allows the electronics to maintain higher clock speeds for longer durations.
* **Mechanical Protection:** The pushPIN™ mounting system provides consistent pressure across the chip surface, ensuring optimal contact without damaging the delicate silicon die.
---
### 3. Components of the Assembly
The "C2-R0" designation refers to the specific hardware kit included:
1. **Heat Sink Body:** Features a "spread fin" design to maximize airflow intake.
2. **Springs:** Provides a specific load to ensure the heat sink does not shift during vibration or shipping.
3. **TIM (Thermal Interface Material):** A pre-applied layer of **T766** which fills microscopic air gaps between the chip and the metal, significantly reducing thermal resistance.
---
### 4. Comparison to Standard Heat Sinks
```python
# Conceptual Thermal Performance Comparison
# Standard Extrusion vs. ATS-P1-157-C2-R0 (maxiFLOW)
performance_metrics = {
"standard_heatsink": {
"airflow_efficiency": "Low",
"surface_area": "Linear",
"attachment": "Adhesive Tape"
},
"ATS-P1-157-C2-R0": {
"airflow_efficiency": "High (maxiFLOW geometry)",
"surface_area": "Maximum (Spread Fin)",
"attachment": "Precision pushPIN"
}
}
```
- ⤷
What are the specific mounting hole requirements for the pushPIN system?
- ⤷ Is this heat sink compatible with standard 40mm cooling fans?
- ⤷ How does the T766 phase change material compare to standard thermal grease?