ATS-P1-165-C2-R0
AI

The **ATS-P1-165-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide high-efficiency cooling for electronic components like processors, FPGAs, and ASICs.
---
### 1. Technical Specifications
The following table outlines the core electronic and physical attributes of this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 11.83°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 10mm |
| **Pressure Drop** | High-efficiency fin design |
| **Compliance** | RoHS and REACH compliant |
---
### 2. Design Characteristics
The part is engineered for high-density electronic assemblies where space is limited but heat dissipation is critical.
* **maxiFLOW™ Geometry:** Features a tapered fin design that increases the surface area while reducing pressure drop, allowing air to flow through the sink more effectively.
* **pushPIN™ Attachment:** This system includes a pre-assembled spring and pin that ensures the heat sink is held firmly against the component with consistent pressure, optimizing the thermal interface.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-performance thermal pad that fills microscopic air gaps between the component and the heat sink.
---
### 3. Electronic Performance Data
Thermal resistance determines how well the part moves heat away from the electronics. Performance varies based on airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 11.83 |
| 200 (1.0 m/s) | 8.24 |
| 400 (2.0 m/s) | 6.01 |
| 600 (3.0 m/s) | 5.09 |
---
### 4. Typical Applications
This component is used to protect sensitive electronic parts from thermal throttling or permanent damage in:
* Network switches and routers.
* Embedded computing boards.
* Industrial power supplies.
* High-speed data communication modules.
- ⤷
What are the differences between the C1 and C2 versions of this heat sink?
- ⤷ How does the pushPIN mounting system compare to adhesive tapes?
- ⤷ Can this heat sink be used with custom thermal interface materials?