ATS-P1-176-C2-R0
AI

The **ATS-P1-176-C2-R0** is a specific electronic component within the thermal management category. It is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**, specifically part of their "maxiFLOW" series.
---
### Technical Specifications
The following table outlines the physical and thermal characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-P1-176-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
| **Thermal Resistance** | 6.73°C/W (at 100 LFM) |
| **Flow Pattern** | maxiFLOW (Tapered Fin Design) |
| **Base Shape** | Square |
---
### Component Breakdown
#### 1. maxiFLOW™ Fin Geometry
The "P1" in the part number signifies the use of ATS's proprietary **maxiFLOW** technology. Unlike standard straight-fin heat sinks, these fins are tapered. This design:
* Reduces pressure drop across the heat sink.
* Increases the surface area for heat dissipation.
* Optimizes airflow in constrained spaces.
#### 2. pushPIN™ Attachment System
The "R0" designation refers to the attachment kit. The **pushPIN™** system is a hardware-based mounting solution that provides:
* **Constant Pressure:** A pre-assembled compression spring ensures the heat sink maintains firm contact with the component (e.g., a BGA chip).
* **Reliability:** It is more secure than thermal adhesive tapes, especially in high-vibration environments.
* **Precision:** Prevents over-tightening or uneven pressure that could damage the silicon die.
#### 3. Thermal Interface Material (TIM)
The "C2" indicates the thermal interface material provided. In this configuration, it usually comes with **ATS-PPS-02**, a high-performance thermal pad or pre-applied phase-change material designed to bridge the microscopic air gaps between the heat sink base and the electronic chip.
---
### Typical Applications
This component is designed for cooling mid-range heat-generating electronics, including:
* **Processors/FPGA:** Cooling Field Programmable Gate Arrays or CPUs in industrial PC builds.
* **Telecommunications:** Cooling chips in routers, switches, and base stations.
* **Power Supplies:** Managing heat in high-efficiency power conversion modules.
- ⤷
What are the benefits of the blue anodized finish on this heat sink?
- ⤷ How do I calculate the correct spring tension for the pushPIN attachment?
- ⤷ Can this heat sink be used with active cooling fans?