ATS-P1-177-C2-R0
AI

The **ATS-P1-177-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for cooling high-power electronic components like CPUs, GPUs, and power transistors.
---
## 1. Technical Specifications
The following table highlights the core physical and thermal properties of the device:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Base Dimensions** | 35.00 mm x 35.00 mm |
| **Height** | 20.00 mm |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.18 °C/W (at 100 LFM) |
| **Fin Pattern** | Straight Fin |
---
## 2. Component Analysis
### A. Material and Design
* **Aluminum 6063:** This alloy is used because of its excellent thermal conductivity and structural integrity.
* **Straight Fin Design:** The fins run in parallel lines. This design is optimized for **forced-air cooling** (fan-driven) where the airflow direction is consistent across the fins.
* **Blue Anodizing:** This chemical finish provides two benefits:
1. **Corrosion Resistance:** Protects the aluminum from oxidation.
2. **Increased Emissivity:** Slightly improves the radiation cooling efficiency.
### B. Mounting Mechanism (pushPIN™)
The part features a specialized mounting system that includes:
* **Pins and Springs:** These ensure a precise and consistent pressure (clamping force) on the electronic chip, which is critical for maximizing the effectiveness of the Thermal Interface Material (TIM).
* **Plastic Push Pins:** These snap into pre-drilled holes in the PCB, making installation quick and tool-free.
---
## 3. Thermal Performance
The efficiency of the heat sink is determined by the airflow (Linear Feet per Minute - LFM). As airflow increases, thermal resistance decreases:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 6.18 |
| 200 (1.0 m/s) | 3.32 |
| 300 (1.5 m/s) | 2.61 |
| 500 (2.5 m/s) | 2.05 |
---
## 4. Usage Example
When using this part in a circuit design, the thermal interface material is usually pre-applied or added during assembly.
```python
# Conceptual Calculation: Calculating Temperature Rise
# Formula: Rise = Power_Dissipated (W) * Thermal_Resistance (C/W)
power_of_chip = 10 # Watts
thermal_resistance = 2.61 # at 300 LFM airflow
temp_rise = power_of_chip * thermal_resistance
print(f"Temperature Rise: {temp_rise} Degrees Celsius")
```
- ⤷
What are the PCB hole requirements for the pushPIN mounting system?
- ⤷ Can this heat sink be used in a passive cooling (no fan) environment?
- ⤷ What is the recommended Thermal Interface Material for this specific model?