ATS-P1-197-C2-R0
AI

The **ATS-P1-197-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their "pushPIN™" heat sink assembly line, designed for cooling high-performance integrated circuits (ICs) and other electronic components.
---
### 1. Component Specifications
The following table outlines the physical and thermal properties of this specific model:
| Property | Value |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Heat Sink) / Blue Anodized (Finish) |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 10.90°C/W (at 100 LFM) |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. Thermal Management
Electronic parts like CPUs, FPGAs, or GPUs generate heat during operation. The ATS-P1-197-C2-R0 acts as a **passive heat exchanger**, increasing the surface area of the component to dissipate heat into the surrounding air. This prevents "thermal throttling" or hardware failure.
#### B. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this part uses a mechanical fastening system:
- **Spring-loaded pins:** These provide a precise "pull-force" to ensure the heat sink is pressed firmly against the electronic chip.
- **Consistent Pressure:** This ensures maximum contact with the silicon die for efficient heat transfer.
#### C. Pre-applied Thermal Interface Material (TIM)
The base of the part comes with **T766** thermal grease already applied. This fills microscopic air gaps between the electronic component and the aluminum surface, significantly improving thermal conductivity.
---
### 3. Application Use Cases
This part is typically found in the following electronic environments:
* **Networking Gear:** Switches and routers where airflow is controlled.
* **Industrial PCs:** Compact systems requiring low-profile cooling (10mm height).
* **Embedded Systems:** Motherboards where space around the processor is limited.
---
- ⤷What is the significance of the 'C2' designation in the part number?
- ⤷ How does the air flow rate (LFM) affect the thermal resistance of this heat sink?
- ⤷ Are there alternative attachment methods available for this heat sink size?