ATS-P1-199-C3-R0
AI

The **ATS-P1-199-C3-R0** is a high-performance electronic thermal management component, specifically a **push-pin style heat sink** designed for cooling integrated circuits (ICs) and other electronic components on a Printed Circuit Board (PCB).
It is manufactured by **Advanced Thermal Solutions (ATS)** as part of their "push-pin" series.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (High thermal conductivity) |
| **Finish** | Blue Anodized |
| **Base Dimensions** | 50mm x 50mm |
| **Height** | 6mm |
| **Fin Style** | Straight Fin |
| **Attachment Type** | Push-Pin (Plastic) with Compression Spring |
| **Thermal Resistance** | 15.91°C/W (at 100 LFM air flow) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Key Components & Electronics Purpose
#### A. The Heat Sink (Thermal Dissipator)
The primary role of this part is to increase the surface area of a heat-generating electronic component (like a BGA, FPGA, or CPU). By using a straight-fin design, it facilitates heat transfer from the silicon die to the surrounding air via convection.
#### B. The Push-Pin Attachment Mechanism
Unlike adhesive-based heat sinks, this part uses a mechanical attachment:
* **Plastic Push-Pins:** These snap into pre-drilled holes in the PCB.
* **Brass/Steel Springs:** These provide a precise "force" (compression) to ensure the heat sink remains in firm contact with the electronic chip, even under vibration or thermal expansion.
#### C. Thermal Interface Material (T412)
The suffix **C3** indicates the specific TIM used. T412 is a high-performance thermal tape or pad that fills microscopic air gaps between the chip and the heat sink base. This reduces thermal resistance and prevents the component from overheating (thermal throttling).
---
### 3. Application Use Cases
* **Telecommunications:** Cooling high-speed network switches and routers.
* **Embedded Systems:** Industrial PCs where mechanical stability is required.
* **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators.
---
- ⤷What are the advantages of push-pin mounting over thermal adhesive?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ Is there a version of this heat sink with a different height or fin style?