ATS-P1-204-C2-R0
AI

The **ATS-P1-204-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to provide high-efficiency cooling for electronic components like CPUs, GPUs, and ASICs.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Brass pins with springs) |
| **Thermal Resistance** | 7.43°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W)** | 54.00 mm x 54.00 mm |
| **Height** | 12.00 mm |
| **Fin Style** | maxiFLOW (Tapered Fin Design) |
---
### 2. Key Electronic Components & Design Features
#### A. Fin Geometry (maxiFLOW™)
Unlike standard straight-fin heat sinks, the "maxiFLOW" design uses a **tapered fin** structure. This increases the surface area while reducing pressure drop. For electronic engineers, this means better performance in systems with low-to-medium airflow (CFM).
#### B. pushPIN™ Attachment System
The part uses a specialized mechanical attachment system instead of thermal adhesive:
- **Compression Springs:** Provides precise pressure (Force) to ensure optimal contact between the heat sink base and the electronic chip.
- **Reliability:** This prevents the heat sink from shifting during mechanical shock or vibration, which is critical for industrial or telecommunications hardware.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number typically refers to the pre-applied thermal material.
- **T766 Phase Change Material:** This is usually pre-applied to the base, ensuring there are no air gaps between the component and the heat sink, maximizing heat transfer.
---
### 3. Application Use Cases
This specific heat sink is typically found in the following electronic environments:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Embedded Computing:** Used on Single Board Computers (SBCs) where vertical space is limited (12mm height).
3. **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators.
---
- ⤷
What are the advantages of pushPIN versus adhesive thermal tape?
- ⤷ How does the pressure drop of maxiFLOW fins compare to straight fins?
- ⤷ Is this heat sink compatible with standard BGA chip footprints?