ATS-P1-32-C3-R0
AI

The **ATS-P1-32-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, known for its unique flared fin design.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Series** | maxiFLOW™ |
| **Thermal Resistance** | 3.31°C/W (at 200 LFM) |
| **Material** | Blue Anodized Aluminum |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 57.6mm x 36.9mm x 14.5mm |
| **Fin Type** | Flared (Increasing surface area) |
---
### 2. Core Electronic Components & Design
#### A. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical **pushPIN™** system. This consists of:
* **Compression Springs:** Provides precise pressure on the electronic component (CPU/GPU/FPGA) to ensure optimal thermal interface contact.
* **Brass/Plastic Pins:** Designed to fit into pre-drilled holes in the PCB, ensuring the heat sink stays secure during vibration or shipping.
#### B. Flared Fin Geometry
The "Electronic Part" design is unique because of its **flared fins**.
* **Benefit:** This geometry maximizes the surface area for a given footprint.
* **Airflow:** It is specifically engineered to reduce pressure drop and optimize airflow in high-velocity electronic enclosures.
#### C. Thermal Interface Material (TIM)
The "R0" designation usually indicates that the part comes with a pre-applied high-performance **Thermal Interface Material**. This material fills microscopic air gaps between the heat sink base and the electronic chip, significantly reducing thermal impedance.
---
### 3. Typical Applications
This part is commonly used to cool high-heat-generating electronic components such as:
1. **Network Switches/Routers:** Where high-speed data processing generates localized heat.
2. **Embedded Systems:** Industrial PCs requiring rugged mechanical attachment.
3. **Power Electronics:** Voltage regulators and power modules.
---
### 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **P1:** Product revision/series
* **32:** Specific size/form factor reference
* **C3:** Blue Anodized finish (improves radiation heat transfer)
* **R0:** Packaging/TIM configuration indicator
- ⤷What is the difference between pushPIN and adhesive mounting for heat sinks?
- ⤷ How do I calculate if 3.31°C/W is sufficient for my electronic component?
- ⤷ What are the advantages of blue anodized aluminum over standard aluminum?