ATS-P1-50-C3-R0
AI

The **ATS-P1-50-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as CPUs, GPUs, and other high-power ICs.
---
### 1. Technical Specifications
The following table highlights the primary physical and thermal properties of this specific model:
| Property | Value/Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-P1-50-C3-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Red Anodized |
| **Dimensions** | 40mm x 40mm x 15mm |
| **Attachment Method** | pushPIN™ (Brass pins / Stainless Steel springs) |
| **Thermal Resistance** | 18.99 °C/W (at 200 LFM) |
| **Pressure Drop** | 0.28 in. H2O |
---
### 2. Key Electronic & Mechanical Features
#### A. Thermal Management Design
* **Heat Sink Profile:** It utilizes the **pushPIN™** system, which ensures precise pressure and thermal contact with the electronic component.
* **Airflow Efficiency:** The fin geometry is optimized for forced convection (active cooling), but can also function in passive environments depending on the heat load.
#### B. Material Composition
* **Aluminum 6063:** This alloy is chosen for its high thermal conductivity and structural integrity.
* **Red Anodizing:** The coating is not just aesthetic; it provides surface protection against corrosion and slightly improves heat radiation characteristics compared to raw aluminum.
#### C. Secure Attachment
The **"C3"** in the part number indicates the specific spring and pin configuration:
1. **Uniform Pressure:** Prevents "tilting" of the heat sink, which could damage delicate silicon dies.
2. **Vibration Resistance:** The spring-loaded pins make it ideal for industrial or automotive electronics where movement is expected.
---
### 3. Application Use Cases
* **Network Switches:** Cooling high-speed processing chips.
* **Embedded Systems:** Used on single-board computers (SBCs) that run under heavy processing loads.
* **Power Supplies:** Heat dissipation for MOSFETs or power regulators.
- ⤷
What are the alternative attachment methods to the pushPIN system for this heat sink?
- ⤷ How does the 'Red Anodized' finish compare to 'Black Anodized' in terms of thermal performance?
- ⤷ What is the recommended TIM (Thermal Interface Material) for the ATS-P1-50-C3-R0?