ATS-P1-55-C3-R0
AI

The **ATS-P1-55-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as CPUs, GPUs, and high-power chipsets.
Below is a detailed breakdown of its specifications and design features.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Body) |
| **Thermal Resistance** | 23.98°C/W (Unducted Flow @ 100 LFM) |
| **Fin Type** | Straight Fin |
| **Attachment Method** | Push-Pin (Plastic) |
| **Surface Finish** | Blue Anodized |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
### 2. Physical Dimensions
Detailed geometry is critical for ensuring the part fits on a Printed Circuit Board (PCB) without interfering with other components.
* **Length x Width:** 35.00mm x 35.00mm
* **Height:** 10.00mm
* **Pitch (Hole to Hole):** 40.00mm (Square)
---
### 3. Electronic Design Components
This part is not just a block of metal; it is an engineered thermal management assembly consisting of three main sub-parts:
#### A. The Heat Sink Body
The body is made of extruded aluminum. The **straight fin** design is optimized for environments where airflow is unidirectional. The blue anodized coating is not just for aesthetics; it provides corrosion resistance and slightly improves radiative heat transfer.
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or complicated screws, this model uses a plastic push-pin system.
* **Hardware:** Plastic pins with compression springs.
* **Benefit:** Provides consistent pressure (clamping force) across the component to ensure maximum contact with the thermal interface.
#### C. Thermal Interface Material (TIM)
The base comes pre-applied with **T412**. This is a phase-change or high-performance pad that fills microscopic air gaps between the electronic chip and the heat sink base, significantly reducing thermal impedance.
---
### 4. Application Context
This specific model is often used in:
* **Telecommunications:** Cooling signal processors.
* **Embedded Systems:** High-density PCBs where vertical space (10mm height) is limited.
* **Industrial PCs:** Where vibration resistance is necessary (provided by the spring-loaded pins).
---
- ⤷
What is the maximum power dissipation (Watts) this heat sink can handle?
- ⤷ How does the T412 thermal interface material compare to standard thermal paste?
- ⤷ Are there alternative mounting options if push-pins are not compatible with my PCB?