ATS-P1-58-C3-R0
AI

The **ATS-P1-58-C3-R0** is a high-performance electronic thermal management component, specifically an aluminum heat sink designed for cooling integrated circuits (ICs) and other electronic components.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-P1-58-C3-R0 |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 0.82°C/W (at 200 LFM) |
---
### Key Electronic & Mechanical Features
#### 1. Thermal Dissipation
The primary role of this part is to conduct heat away from a semiconductor (such as a CPU, GPU, or FPGA) and dissipate it into the surrounding air. With a height of 25mm, it provides a large surface area for heat exchange, which is critical for maintaining component longevity and preventing thermal throttling.
#### 2. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a **pushPIN™** system. This provides several advantages:
* **Constant Pressure:** Ensures optimal contact between the heat sink and the component surface.
* **Secure Mounting:** Resistant to shocks and vibrations, making it suitable for industrial or automotive electronics.
* **Ease of Maintenance:** Can be removed and re-installed without damaging the PCB or leaving adhesive residue.
#### 3. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization layer provides corrosion resistance and improves thermal emissivity (the ability to radiate heat).
#### 4. Compatibility (C3-R0 Designation)
* **C3:** Refers to the specific spring and pin configuration used for mounting.
* **R0:** Indicates the specific version/revision of the product according to ATS standards.
---
### Typical Applications
* **Networking Hardware:** Routers, switches, and server components.
* **Power Electronics:** Voltage regulators and power transistors.
* **Embedded Systems:** Industrial PCs and automation controllers that generate significant heat in a small footprint.
- ⤷
What are the specific hole patterns required on a PCB for this pushPIN system?
- ⤷ How does the 'Straight Fin' design compare to 'Cross-Cut' fins for airflow efficiency?
- ⤷ What is the weight of the ATS-P1-58-C3-R0 and how does it affect PCB stress?