Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-P1-61-C2-R0

  • AI
    The **ATS-P1-61-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) such as CPUs, GPUs, and high-power chipsets. --- ## 1. Technical Specifications The following table outlines the physical and thermal properties of the part: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Series** | pushPIN™ | | **Base Material** | Aluminum (AL6063) | | **Thermal Resistance** | 22.01°C/W (Unducted @ 100 LFM) | | **Dimensions (L x W)** | 40.00 mm x 40.00 mm | | **Height (Fin)** | 10.00 mm | | **Attachment Method** | Push-Pin (Brass) | | **Finish** | Blue Anodized | | **Thermal Interface Material** | T766 (Pre-applied) | --- ## 2. Key Component Features ### A. pushPIN™ Attachment System This part uses a specific spring-loaded push-pin mechanism. This is critical for: * **Constant Pressure:** Ensures the heat sink maintains firm contact with the electronic component. * **Ease of Assembly:** Can be installed onto a PCB without specialized tools, provided the board has the required pre-drilled holes. ### B. Fin Design The part features a **straight-fin** geometry. This design is optimized for environments where there is an existing airflow (forced convection), allowing heat to be carried away efficiently as air passes through the vertical channels. ### C. Thermal Interface Material (TIM) The "C2" in the part number indicates the use of **T766** thermal grease. This material is pre-applied to the base of the heat sink to fill microscopic air gaps between the chip and the aluminum base, significantly reducing thermal impedance. --- ## 3. Physical Dimensions (mm) | Dimension | Size | | :--- | :--- | | **Length (A)** | 40.00 mm | | **Width (B)** | 40.00 mm | | **Height (C)** | 10.00 mm | | **Pitch (E)** | 33.00 mm | | **Pitch (F)** | 33.00 mm | --- ## 4. Part Number Decoder Understanding the "ATS-P1-61-C2-R0" syntax: * **ATS**: Advanced Thermal Solutions. * **P1**: pushPIN™ series. * **61**: Specific fin/size configuration. * **C2**: Indicates T766 thermal interface material. * **R0**: Revision/Packaging code.
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the push-pin mounting on this heat sink?
    • ⤷ How does the thermal resistance change at higher airflows (e.g.
    • ⤷ 500 LFM)?
    • ⤷ Is this heat sink compatible with standard 40mm cooling fans?