ATS-P1-67-C3-R0
AI

The **ATS-P1-67-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to optimize airflow and heat dissipation for high-power electronic devices.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Extruded) |
| **Finish** | Blue Anodized |
| **Mounting Style** | pushPIN™ (Fastener system) |
| **Thermal Resistance** | 20.35°C/W (Natural Convection) |
| **Attachment Type** | Spring-loaded push pins |
| **Interface Material** | T412 (Thermal Interface Material) |
### 2. Physical Dimensions
Precision is critical for PCB layout and clearance. The dimensions for the **67-C3** variant are as follows:
* **Length (A):** 45.00 mm
* **Width (B):** 45.00 mm
* **Height (C):** 10.00 mm
* **Pitch (E/F):** 38.00 mm (Distance between mounting holes)
### 3. Key Design Features
The **ATS-P1-67-C3-R0** incorporates several engineering choices that enhance its efficiency:
* **maxiFLOW™ Fin Geometry:** The fins are designed with a tapered profile that increases surface area and creates turbulence, which significantly improves the heat transfer coefficient compared to standard straight-fin heat sinks.
* **pushPIN™ Attachment:** This system uses a flexible, spring-loaded mechanism that ensures consistent pressure between the heat sink and the component (e.g., a CPU, FPGA, or GPU), optimizing the thermal interface.
* **Pre-applied TIM:** It comes with **T412** thermal interface material pre-applied to the base, which eliminates the need for manual thermal paste application and ensures a reliable bond.
* **Blue Anodized Coating:** Beyond aesthetics, the anodization protects the aluminum from corrosion and slightly improves radiant heat emission.
### 4. Typical Applications
This part is commonly used in environments where space is limited but heat density is high:
1. **Telecommunications:** Cooling high-speed switching components.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Electronics:** Cooling MOSFETs and power modules in compact enclosures.
---
- ⤷What is the difference between the C1
- ⤷ C2
- ⤷ and C3 variants in the ATS-P1 series?
- ⤷ How do I calculate the required airflow for this heat sink?
- ⤷ What are the advantages of pushPIN mounting over adhesive tapes?