ATS-P1-79-C1-R0
AI

The **ATS-P1-79-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power chipsets on a PCB.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 30mm x 30mm x 10mm |
| **Fin Style** | Straight (optimized for airflow) |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Interface** | T766 (Pre-applied Thermal Phase Change Material) |
| **Thermal Resistance** | 26.3°C/W (at 200 LFM) |
---
### 2. Key Electronic Features
#### A. Thermal Management Efficiency
The "R0" at the end of the part number indicates a specific revision or finish. This heat sink is engineered to reduce the junction temperature of a semiconductor. By maintaining a lower operating temperature, it prevents **thermal throttling** and extends the lifespan of the underlying silicon.
#### B. Push-Pin Attachment Mechanism
This part uses a mechanical fastening system consisting of:
* **Plastic Pins:** Flexible pins that compress through pre-drilled holes in the PCB.
* **Stainless Steel Springs:** Provide precise, consistent pressure between the heat sink and the component to ensure maximum thermal transfer.
#### C. Thermal Interface Material (TIM)
The base of the ATS-P1-79-C1-R0 comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the component and the heat sink, significantly lowering contact resistance.
---
### 3. Application Use Cases
* **Embedded Systems:** Used in industrial computers where vibration might dislodge adhesive-based heat sinks.
* **Networking Equipment:** Applied to routers or switches that require consistent airflow cooling.
* **Power Electronics:** Cooling voltage regulators or power modules on a dense circuit board.
- ⤷
What are the PCB hole size requirements for the push-pin mounting?
- ⤷ How does the thermal resistance change with different airflow (LFM) speeds?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?