ATS-P1-85-C1-R0
AI

The **ATS-P1-85-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components like CPUs, GPUs, and other high-heat-generating integrated circuits.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Straight Fin (Extruded) |
| **Material** | Aluminum (AL-6063-T5) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 10.0mm |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Component Analysis
#### A. The Fin Geometry (Straight Fin)
This heat sink uses a **straight fin** design. Straight fins provide an efficient cooling path for airflow that is moving in a single direction (unidirectional). The 10mm height makes it a "low-profile" solution, ideal for compact server racks or thin electronic enclosures where vertical space is limited.
#### B. Attachment: Push Pin & Spring
Unlike adhesive-based heat sinks, the `-R0` series uses a mechanical **Push Pin and Spring** mechanism.
* **Benefits:** It provides consistent pressure on the component (IC), ensuring optimal contact with the Thermal Interface Material (TIM).
* **Security:** It is more vibration-resistant than tape and allows for easier removal or rework.
#### C. Thermal Performance
The efficiency of this part is measured by its **Thermal Resistance** (°C/W). Lower values indicate better cooling performance.
| Airflow Rate (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | ~23.0 |
| 300 (1.5 m/s) | ~8.0 |
| 500 (2.5 m/s) | ~5.8 |
---
### 3. Part Number Breakdown
* **ATS:** Manufacturer prefix.
* **P1:** Part of the pushPIN™ series.
* **85:** Specific model identifier (defines dimensions).
* **C1:** Material and Color code (Aluminum, Blue Anodized).
* **R0:** Packaging or Revision indicator.
---
### 4. Applications
* **Embedded Systems:** Cooling SoCs (System on Chips).
* **Telecommunications:** High-speed network switches and routers.
* **Power Electronics:** Cooling MOSFETs or voltage regulators.
* **Industrial PC:** Low-profile cooling for ruggedized computers.
- ⤷
What are the PCB hole requirements for mounting the push-pin mechanism?
- ⤷ How does the T766 thermal interface material compare to high-performance thermal paste?
- ⤷ Is there a cross-cut version of this heat sink for multi-directional airflow?