ATS-P1-86-C3-R0
AI

The **ATS-P1-86-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the *maxiFLOW™* series, designed for high-efficiency cooling in constrained spaces.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS. Below are the primary specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance (Typical)** | 3.10°C/W (at 200 LFM) |
| **Dimensions (L x W)** | 35.00 mm x 35.00 mm |
| **Height (Fin height)** | 15.00 mm |
| **Thermal Interface Material (TIM)** | T412 (Double-sided thermal tape/film) |
---
### 2. Key Design Elements
#### A. maxiFLOW™ Fin Geometry
The fin structure is designed to maximize surface area while minimizing pressure drop. Unlike standard straight-fin heat sinks, these feature a tapered fin design that increases airflow through the fin field, which is critical for densely packed electronic PCBs.
#### B. pushPIN™ Attachment System
This part utilizes the **pushPIN™** mounting mechanism. This is advantageous because:
* It provides consistent pressure for the Thermal Interface Material (TIM).
* The pre-assembled springs ensure the heat sink remains secure under mechanical shock or vibration.
* It simplifies the assembly process on the production line.
#### C. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** Besides aesthetics, the anodization protects the aluminum from corrosion and slightly improves radiant heat transfer.
---
### 3. Applications
The ATS-P1-86-C3-R0 is typically used to cool high-heat-generating surface-mount components, such as:
* **Processors (CPUs/GPUs):** Low-power or mobile variants.
* **FPGAs & ASICs:** Integrated circuits used in networking or industrial automation.
* **Power Supplies:** Regulators and power transistors that require active or passive air cooling.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (LFM - Linear Feet per Minute):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.00 |
| 300 (1.5 m/s) | 2.50 |
| 500 (2.5 m/s) | 1.80 |
- ⤷
What is the difference between the T412 TIM and other thermal interface materials used by ATS?
- ⤷ Are there specific PCB hole patterns required for the pushPIN mounting system?
- ⤷ Can this heat sink be used for passive cooling applications without a fan?