ATS-P1-87-C3-R0
AI

The **ATS-P1-87-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the "pushPIN™" series manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications, construction, and electronic application.
---
## 1. Technical Specifications
This component is designed for precise cooling of electronic components like CPUs, GPUs, or high-power MOSFETs.
| Specification | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance (Flowing)** | 2.77 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 7.00 °C/W (Duct) |
| **Dimensions (L x W)** | 35.00mm x 35.00mm |
| **Height (H)** | 25.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
---
## 2. Key Electronic Components & Features
### A. The Fin Design (Straight Fin)
The "P1" designation indicates a **Straight Fin** geometry.
* **Purpose:** This design provides a large surface area for heat dissipation while maintaining a low pressure drop.
* **Function:** It is optimized for systems with consistent directional airflow (forced convection).
### B. Thermal Interface Material (TIM)
* **Part Suffix C3:** This indicates that the heat sink comes pre-applied with **T766** thermal phase change material.
* **Function:** This fills the microscopic air gaps between the electronic chip (heat source) and the aluminum base to maximize heat transfer.
### C. Attachment Mechanism (pushPIN™)
The "R0" at the end of the part number refers to the mounting hardware.
* **Hardware:** It uses a brass or plastic push-pin with a stainless steel spring.
* **Reliability:** The spring provides a specific, consistent "clamping force" on the electronic package, which prevents damage to the silicon die while ensuring optimal thermal contact.
---
## 3. Physical Dimensions
The precise geometry is critical for PCB layout and avoiding interference with other electronic parts like capacitors.
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (A)** | 35.0 mm |
| **Width (B)** | 35.0 mm |
| **Height (C)** | 25.0 mm |
| **Pitch (E)** | 40.0 mm (Hole to Hole) |
| **Pitch (F)** | 40.0 mm (Hole to Hole) |
---
## 4. Application in Circuitry
The **ATS-P1-87-C3-R0** is typically found in:
1. **Telecommunications:** Cooling high-speed processors in switches and routers.
2. **Embedded Systems:** Industrial PCs where high-reliability mounting is required.
3. **Power Electronics:** Dissipating heat from voltage regulators or power modules.
- ⤷
How does the thermal resistance of this heat sink change at different airflow speeds (LFM)?
- ⤷ What is the specific PCB hole size required for the R0 pushPIN mounting?
- ⤷ Can the T766 thermal material be replaced with standard thermal paste?