ATS-P1-92-C3-R0
AI

The **ATS-P1-92-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" line of thermal management products, designed for cooling electronic components such as CPUs, GPUs, and power semiconductors.
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | 16.58 °C/W (at 100 LFM) |
| **Fin Pattern** | Straight Fin |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Design Components
The ATS-P1-92-C3-R0 consists of four major electronic/mechanical sub-components:
#### A. The Heat Sink Body
Constructed from aluminum, the body uses a straight-fin design. This is optimized for **forced air cooling** (fans), allowing air to flow through the channels to dissipate heat from the baseplate.
#### B. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, the pushPIN™ system provides a secure, mechanical connection to the PCB. This ensures consistent pressure between the heat sink and the component, which is vital for thermal efficiency.
#### C. Compression Spring
The "R0" in the part number indicates a specific spring tension. The spring ensures the heat sink remains in contact with the electronic chip even during mechanical shock or vibration, maintaining the **Thermal Interface Material (TIM)** integrity.
#### D. Thermal Interface Material (TIM)
This model typically comes pre-applied with a high-performance thermal pad or grease. The TIM fills microscopic air gaps between the component surface and the heat sink base to maximize heat transfer.
---
### 3. Thermal Performance Profile
Thermal resistance varies based on the airflow velocity (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 16.58 |
| 200 (1.0 m/s) | 6.27 |
| 400 (2.0 m/s) | 3.33 |
| 600 (3.0 m/s) | 2.50 |
---
### 4. Typical Applications
* **Embedded Systems:** Cooling microprocessors on industrial motherboards.
* **Telecommunications:** Dissipating heat from high-speed data chips.
* **Power Supplies:** Managing heat for voltage regulators and MOSFETs.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the 'Blue Anodized' finish affect thermal radiation?
- ⤷ Can this heat sink be used with a custom thermal interface material?