ATS-P1-97-C3-R0
AI

The **ATS-P1-97-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as CPUs, GPUs, and high-power chipsets.
Below is a detailed breakdown of its specifications and design features.
---
### 1. Technical Specifications
The part belongs to the **pushPIN™** series, known for its secure and standardized attachment mechanism.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 20.39 °C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Interface Material (TIM)** | T412 (High-performance pre-applied pad) |
---
### 2. Key Component Features
#### A. Fin Design
The "97" in the part number refers to the **Straight Fin** geometry. This design allows for:
* Low pressure drop across the heat sink.
* Efficient cooling in environments where airflow is directed by a fan or system shroud.
#### B. Attachment Mechanism (pushPIN™)
Unlike adhesive tapes that can fail over time, this part uses a mechanical spring-loaded pin system.
* **Springs:** Ensure constant pressure (COF) on the component for maximum heat transfer.
* **Pins:** Designed for pre-drilled holes in the PCB, providing a vibration-resistant mount.
#### C. Thermal Performance
The performance varies based on the airflow (LFM - Linear Feet per Minute):
| Airflow Velocity | 100 LFM | 300 LFM | 500 LFM |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 20.39 | 5.48 | 3.35 |
---
### 3. Part Number Breakdown (Nomenclature)
To understand variations of this part, here is how the SKU is structured:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **P1**: Attachment Type (pushPIN™).
* **97**: Fin profile/style.
* **C3**: Material and Finish code (Aluminum, Blue Anodized).
* **R0**: Revision/Packaging code.
---
### 4. Implementation Requirements
To use this part on a PCB, you must ensure:
1. **Hole Pattern:** The PCB must have two mounting holes spaced to match the heat sink footprint.
2. **Z-Height:** The 10mm height is "low-profile," making it suitable for 1U server chassis or compact embedded systems.
- ⤷
What is the difference between Blue Anodized and Black Anodized finishes in thermal performance?
- ⤷ How do I calculate if the 20.39 °C/W resistance is sufficient for my 5W chip?
- ⤷ Are there alternative attachment methods if my PCB does not have mounting holes?