ATS-P2-09-C1-R0
AI

The **ATS-P2-09-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for cooling integrated circuits (ICs) and other PCB components.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Property | Value / Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 10.56 °C/W (at 100 LFM) |
| **Fin Pattern** | Fine Pitch (Square Pin) |
---
### 2. Physical Design Features
* **Heat Sink Material:** Made of aluminum (6063) for high thermal conductivity while remaining lightweight.
* **Fin Style:** The "P2" designation refers to a **Straight-Fin** or **Pin-Fin** profile designed to optimize airflow in cross-flow environments.
* **Base Surface:** The bottom is typically pre-applied with a Thermal Interface Material (TIM) to ensure efficient heat transfer from the electronic chip to the sink.
---
### 3. Mounting Mechanism (Push-Pin)
This component uses a mechanical mounting system instead of adhesive tape:
* **Spring-Loaded Push-Pins:** These provide a precise "engagement force" on the processor or component, ensuring constant pressure.
* **Reliability:** Mechanical mounting is more reliable than thermal tape in high-vibration environments or systems with significant temperature cycling.
* **Hole Pattern:** Requires pre-drilled holes in the PCB. The holes are typically 3.175mm in diameter.
---
### 4. Application Areas
The ATS-P2-09-C1-R0 is commonly used for cooling:
1. **CPUs and GPUs:** In embedded systems or industrial PCs.
2. **ASICs/FPGAs:** High-speed logic gates that generate significant localized heat.
3. **Power Electronics:** Voltage regulators and motor drivers.
4. **Telecommunications:** Network switches and routers where airflow is managed.
---
### 5. Part Number Decoding
The suffix **-C1** typically denotes the thermal interface material (TIM) or the specific aluminum grade, while **-R0** signifies the revision or RoHS compliance status.
- ⤷
What is the exact hole-to-hole spacing required for this heat sink?
- ⤷ What are the thermal performance differences between the C1 and C2 variants?
- ⤷ Does this model come with pre-applied Phase Change Material (PCM)?