ATS-P2-112-C1-R1
AI

The **ATS-P2-112-C1-R1** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for cooling processors and other high-heat surface-mount components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 2.60°C/W (at 200 LFM) |
| **Dimensions** | 35mm x 35mm x 35mm |
| **Fin Style** | Straight Fin (Square) |
| **Interface Material** | T766 (Thermal Tape/Grease equivalent) |
---
### 2. Key Features
* **High Aspect Ratio Fins:** The vertical fins are designed to maximize surface area for heat dissipation without significantly increasing the footprint on the PCB.
* **Push-Pin Attachment:** It uses a spring-loaded push-pin mechanism. This provides a specific, consistent pressure for maximum thermal transfer and ensures the heat sink remains secure during mechanical shock or vibration.
* **Pre-Applied Thermal Interface Material (TIM):** The "R1" suffix typically indicates that the part comes with a pre-applied thermal material, reducing assembly time and ensuring a reliable bond between the component and the heat sink.
* **Universal Compatibility:** The 35mm footprint is a standard size for many BGA (Ball Grid Array) and FPGA chips.
---
### 3. Thermal Performance Metrics
Thermal resistance indicates how efficiently the part moves heat away from the component. Lower numbers are better.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 m/s (200 LFM) | 2.60 |
| 1.5 m/s (300 LFM) | 2.10 |
| 2.0 m/s (400 LFM) | 1.80 |
---
### 4. Application Use Cases
This specific heat sink is commonly found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Supplies:** Cooling MOSFETs or power ICs.
4. **Consumer Electronics:** High-end networking gear.
- ⤷
What are the mechanical hole requirements for the push-pin installation?
- ⤷ Is there a version of this heat sink with a different height or fin profile?
- ⤷ How does the Blue Anodized finish affect the thermal emissivity of the part?