ATS-P2-112-C3-R1
AI

The **ATS-P2-112-C3-R1** is a high-performance electronic component specifically designed for thermal management. It is a **heat sink** manufactured by Advanced Thermal Solutions (ATS).
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. Technical Specifications
This part belongs to the **maxiFLOW™** series, which is known for its high-efficiency fin geometry designed to maximize surface area and improve cooling performance.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-P2-112-C3-R1 |
| **Heat Sink Type** | maxiFLOW™ |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 0.66 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 40.00mm x 12.70mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. Fin Design (maxiFLOW™)
The "maxiFLOW" design uses a **tapered fin** structure. This reduces pressure drop while increasing the cooling surface area, allowing it to perform efficiently in both low-airflow and high-airflow environments.
#### B. pushPIN™ Mounting System
The `-R1` suffix indicates a specific mounting kit. The pushPIN™ system allows for:
* **Uniform Pressure:** Ensures consistent contact between the electronic component (CPU, FPGA, GPU) and the heat sink.
* **Secure Attachment:** Uses a compression spring and plastic/brass pins to lock into pre-drilled holes on the PCB.
* **Ease of Installation:** No specialized tools are required for high-volume assembly.
#### C. Thermal Interface Material (T766)
The part comes with **T766** pre-applied. This is a phase-change or high-performance thermal grease that fills microscopic air gaps between the chip surface and the heat sink base, significantly improving heat transfer efficiency.
---
### 3. Application Use-Cases
This heat sink is typically found in high-reliability electronic systems where space is limited but heat dissipation is critical:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Industrial Controls:** Power management modules and microcontrollers.
3. **Embedded Computing:** Cooling high-performance processors in compact enclosures.
4. **Medical Electronics:** Used in diagnostic equipment where silent (fanless or low-fan) cooling is preferred.
---
- ⤷
What are the specific hole patterns required on a PCB for the pushPIN™ attachment?
- ⤷ How does the T766 thermal material compare to standard thermal paste?
- ⤷ Are there CAD models available for integrating this part into a mechanical design?