ATS-P2-113-C1-R0
AI

The **ATS-P2-113-C1-R0** is a specific high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it belongs to the **pushPIN™** Heat Sink Assembly series.
---
## 1. Technical Specifications
This part is a heat sink designed for cooling surface-mount components such as CPUs, GPUs, or FPGAs.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | ATS-HK91-R0 |
| **Thermal Interface Material (TIM)** | NO TIM (None) |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm |
---
## 2. Design and Component Breakdown
### A. Fin Configuration
The "P2" designation refers to the fin pattern. This model typically features a **Straight Fin** or **Cross-Cut** design which allows for multi-directional airflow. The low profile (15mm height) is ideal for space-constrained enclosures.
### B. The pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, the pushPIN system consists of:
* **Plastic Push-Pins:** These provide a secure, vibration-resistant mechanical connection to the PCB.
* **Compression Springs:** These apply a precise amount of downward pressure (clamping force) on the electronic component to ensure maximum thermal contact.
### C. Thermal Performance
The thermal resistance of this unit is highly dependent on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | ~15.79 (Unducted) |
| 300 (1.5 m/s) | ~5.26 (Unducted) |
| 500 (2.5 m/s) | ~3.60 (Unducted) |
---
## 3. Part Number Decoder
To understand variations of this part, here is how the nomenclature is structured:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **P2:** Fin design/pitch code.
* **113:** Specific dimension and profile code.
* **C1:** Material/Finish code (C1 usually denotes Aluminum/Blue Anodized).
* **R0:** Revision or packaging code.
---
## 4. Key Application Notes
1. **Hole Pattern:** This heat sink requires specific pre-drilled holes in the PCB to accommodate the push-pins.
2. **TIM Selection:** Since this specific model ("R0") does not come with pre-applied Thermal Interface Material, a high-quality thermal paste or pad must be applied manually to the component surface before installation.
3. **Flow Direction:** The straight fin design is optimized for environments with a clear intake-to-exhaust airflow path.
- ⤷
What are the PCB hole diameter requirements for the ATS-HK91-R0 spring?
- ⤷ Is there a version of this heat sink that includes pre-applied thermal interface material?
- ⤷ How does the cooling performance of blue anodized aluminum compare to black anodized finishes?