ATS-P2-118-C1-R0
AI

The **ATS-P2-118-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) | Part of the *maxiFLOW™* series |
| **Material** | Aluminum | Blue Anodized finish |
| **Dimensions** | 45mm x 45mm x 10mm | (L x W x H) |
| **Fin Style** | Straight Fin | Optimized for high-velocity airflow |
| **Attachment Method** | pushPIN™ | Uses plastic pins and springs for mounting |
| **Thermal Resistance** | ~6.52°C/W (Unducted) | Varies based on airflow (LFM) |
---
### 2. Electronic/Physical Components
While the heat sink itself is passive (no moving parts), it incorporates several design elements to interact with electronic systems:
* **Thermal Interface Material (TIM):** This part usually comes with **T766** pre-applied. TIM is critical in electronics to fill microscopic air gaps between the heat sink and the semiconductor to improve heat transfer.
* **pushPIN™ Attachment:** Instead of messy adhesives, it uses a mechanical spring-loaded pin system. This provides precise pressure (7-10 lbs) on the electronic chip, ensuring optimal thermal contact without cracking the silicon die.
* **maxiFLOW™ Geometry:** The fin structure is flared. In electronic enclosures with high component density, this design reduces pressure drop and increases the surface area for radiant and convective cooling.
---
### 3. Application Use Cases
This specific part is typically found in the following electronic environments:
1. **Telecommunications:** Cooling of ASICs and FPGAs in network switches.
2. **Embedded Systems:** Industrial PCs where vertical space (10mm height) is limited.
3. **Power Electronics:** Dissipating heat from high-current voltage regulators.
---
### 4. Airflow Performance Data
Electronic engineers use the following data to determine if this part fits their thermal budget:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 6.52 |
| 400 (2.0 m/s) | 3.13 |
| 600 (3.0 m/s) | 2.30 |
---
- ⤷
What are the benefits of the pushPIN™ attachment over thermal tape?
- ⤷ How do I calculate the junction temperature of a chip using this heat sink?
- ⤷ Are there taller versions of this heat sink for higher heat dissipation?