Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-P2-122-C1-R0

  • AI
    The **ATS-P2-122-C1-R0** is a high-performance electronic cooling component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, and FPGAs. --- ### 1. Technical Specifications The part number encodes specific physical and thermal characteristics: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (with Blue Anodized Finish) | | **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | 5.84°C/W @ 200 LFM (Airflow) | | **Fin Style** | T-Cut (Optimizes airflow across the surface) | | **RoHS Status** | Compliant (Lead-free) | --- ### 2. Key Electronic Functions While the heat sink itself does not carry current, it is a critical "passive" electronic part for the following reasons: * **Thermal Management:** It prevents "Thermal Throttling" of high-speed processors by conducting heat away from the silicon die. * **Reliability Enhancement:** By maintaining lower operating temperatures, it extends the Mean Time Between Failures (MTBF) of the electronic assembly. * **EMI Shielding (Secondary):** In some configurations, grounded metal heat sinks can provide minor electromagnetic interference (EMI) suppression for the chip they cover. --- ### 3. Component Breakdown #### **A. The Fin Design (maxiFLOW™)** The "T-cut" fin geometry is engineered to reduce pressure drop. In electronics, this means the cooling fan doesn't have to work as hard (lower power consumption) to push air through the sink. #### **B. The Attachment (pushPIN™)** The `P2` in the part number indicates a specific pushPIN™ attachment. This uses a brass or plastic pin with a compressed spring. It ensures: 1. **Consistent Pressure:** Even contact across the thermal interface material (TIM). 2. **Vibration Resistance:** Secure mounting for industrial or automotive electronics. #### **C. Blue Anodized Coating** The `C1` suffix indicates the finish. Anodizing is not just for aesthetics; it provides electrical insulation (to prevent shorts if a wire touches the sink) and increases surface emissivity, aiding in radiant heat transfer. --- ### 4. Comparison with Standard Sinks Compared to generic extruded heat sinks, the ATS-P2-122-C1-R0 offers: * **Higher Surface Area:** More fins in a smaller 50x50mm footprint. * **Lower Profile:** At 15mm height, it fits in 1U server chassis or slim electronic enclosures.
    ✨ Follow-up Questions
    • ⤷ What are the compatible thermal interface materials (TIM) for this heat sink?
    • ⤷ How do I calculate the required airflow (LFM) for my specific processor?
    • ⤷ What is the difference between the C1 and C2 finish codes in ATS parts?