ATS-P2-139-C1-R0
AI

The **ATS-P2-139-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed as a thermal management component for electronic devices like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal interface material.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063-T5) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 25.0 mm x 25.0 mm |
| **Height** | 20.0 mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 9.03 °C/W (at 1.0 m/s flow) |
| **Thermal Interface (TIM)** | T766 (High performance) |
---
### 2. Key Components & Materials
#### A. The Heat Sink Body
The body is made from **Aluminum 6063**, which offers a balance between thermal conductivity and structural strength. The "Blue Anodized" finish isn't just for aesthetics; it provides corrosion resistance and increases surface emissivity, slightly improving radiation cooling.
#### B. Fin Design (Straight Fin)
The fins are designed for directional airflow. This specific model uses a straight-fin pattern, which is ideal for systems with a dedicated fan or a clear path for forced convection.
#### C. Push-Pin Attachment
Instead of using messy thermal glues or adhesive tapes, this unit uses a **Push-Pin** system with a compression spring.
* **Benefits:** It provides consistent downward pressure (roughly 10-20 PSI) on the component, ensuring the best possible contact with the thermal interface material.
* **Security:** It is more vibration-resistant than adhesive methods.
#### D. Thermal Interface Material (TIM)
The "R0" at the end of the part number indicates the presence of a pre-applied **T766** thermal pad. This is a "Phase Change" or high-performance material that fills the microscopic air gaps between the heat sink and the electronic chip.
---
### 3. Application Use Cases
The ATS-P2-139-C1-R0 is typically used for:
1. **Small Form Factor PCBs:** Due to its 25x25mm footprint.
2. **FPGA/ASIC Cooling:** Protecting high-frequency chips from thermal throttling.
3. **Embedded Systems:** Used in industrial PCs where mechanical mounting (push-pins) is preferred over adhesives for longevity.
- ⤷
What are the different push-pin material options for this series?
- ⤷ How does the thermal resistance change at higher airflow speeds?
- ⤷ What is the recommended hole pattern for mounting this on a PCB?