Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-P2-146-C1-R0

  • AI
    The **ATS-P2-146-C1-R0** is a specific part number for a high-performance **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** product line, designed primarily for cooling electronic components like CPUs, GPUs, and ASICs. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of the part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions** | 30.00mm x 30.00mm | | **Height** | 25.00mm | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | 3.98 °C/W (at 200 LFM) | | **Fin Style** | Tapered (maxiFLOW design) | | **Hardware included** | Plastic pushPINs and Springs | --- ### 2. Key Component Features #### A. maxiFLOW™ Fin Geometry The "maxiFLOW" design features a flared, tapered fin structure. Unlike standard square fin heatsinks, this design increases the surface area and maximizes air intake, reducing the "pressure drop" across the component. This makes it highly efficient in high-velocity air environments. #### B. pushPIN™ Attachment The **-R0** suffix indicates the attachment mechanism. It uses a plastic pushPIN system with a specific compression spring. This ensures: * Consistent pressure on the electronic chip for better heat transfer. * Easy installation without the need for specialized tools. * Pre-drilled holes in the PCB are required for mounting. #### C. Thermal Interface Material (TIM) Typically, these parts come with a pre-applied high-performance thermal pad or grease (often **Chomerics T766** or similar) on the base to bridge the microscopic air gaps between the component and the heatsink. --- ### 3. Application Use-Cases This specific heatsink is intended for electronic parts that generate significant heat within a small footprint: 1. **Networking Hardware:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PCs and controllers. 3. **Power Electronics:** Voltage regulators and high-power transistors. 4. **FPGA/ASIC Cooling:** Integrated circuits requiring stable operating temperatures for timing accuracy. --- ### 4. Part Number Decoder (Quick Reference) * **ATS:** Advanced Thermal Solutions (Manufacturer). * **P2:** Part of the pushPIN series. * **146:** Specific dimensional code for 30x30x25mm. * **C1:** Material/Finish code (Blue Anodized Aluminum). * **R0:** Revision/Packaging and attachment specific code.
    ✨ Follow-up Questions
    • ⤷What are the PCB hole diameter requirements for the pushPIN attachment?
    • ⤷ How does the thermal resistance change at different air flow speeds (LFM)?
    • ⤷ Is there a copper version of this heatsink for higher thermal conductivity?